Part Number Hot Search : 
CONTR V30LL 1040CT STK4221 T6200930 SP805TCP 6SVP470M 46001
Product Description
Full Text Search
 

To Download 6N138-X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6N138/ 6N139
Vishay Semiconductors
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Features
* * * * * * * * * High Current Transfer Ratio, 300 % Low Input Current, 0.5 mA High Output Current, 60 mA Isolation Test Voltage, 5300 VRMS TTL Compatible Output, VOL = 0.1 V High Common Mode Rejection, 500 V/s Adjustable Bandwidth-Access to Base Standard Molded Dip Plastic Package Lead-free component
NC 1 A C
2 3 8 VCC 7 VB 6 V0 5 GND
NC 4
i179082
e3
Pb
Pb-free
* Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending Available with Option 1
Applications
Logic Ground Isolation-TTL/TTL, TTL/CMOS, CMOS/ CMOS, CMOS/TTL EIA RS 232 Line Receiver Low Input Current Line Receiver-Long Lines,Party Lines Telephone Ring Detector 117 VAC Line Voltage Status Indication-Low Input Power Dissipation Low Power Systems-Ground Isolation
Photo darlington operation is achieved by tying the VCC and VO terminals together. Access to the base terminal allows adjustment to the gain bandwidth. The 6N138 is ideal for TTL applications since the 300 % minimum current transfer ratio with an LED current of 1.6 mA enables operation with one unit load-in and one unit load-out with a 2.2 k pull-up resistor. The 6N139 is best suited for low power logic applications involving CMOS and low power TTL. A 400 % current transfer ratio with only 0.5 mA of LED current is guaranteed from 0 C to 70 C
Caution: Due to the small geometries of this device, it should be handled with Electrostatic Discharge (ESD) precautions. Proper grounding would prevent damage further and/or degradation which may be induced by ESD.
Order Information
Part 6N138 6N139 Remarks CTR > 300 %, DIP-8 CTR > 500 %, DIP-8 CTR > 300 %, SMD-8 (option 7) CTR > 300 %, SMD-8 (option 9) CTR > 500 %, SMD-8 (option 7) CTR > 500 %, SMD-8 (option 9)
Description
High common mode transient immunity and very high current ratio together with 5300 VRMS insulation are achieved by coupling and LED with an integrated high gain photo detector in an eight pin dual-in-line package. Separate pins for the photo diode and output stage enable TTL compatible saturation voltages with high speed operation.
6N138-X007 6N138-X009 6N139-X007 6N139-X009
For additional information on the available options refer to Option Information.
Document Number 83605 Rev. 1.5, 26-Oct-04
www.vishay.com 1
6N138/ 6N139
Vishay Semiconductors Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage Forward current Average input current Input power dissipation
1), 3)
Test condition
Symbol VR IF IF(AVG) Pdiss
Value 5.0 25 20 35
Unit V mA mA mW
Output
Parameter Supply and output voltage Emitter base reverse voltage Peak input current Peak transient input current Output current Output power dissipation
2), 4)
Test condition pin 8-5, pin 6-5 pin8-5, pin 6-5 pin 5-7 50 % duty cycle - 1.0 ms pulse width tp 1.0 s, 300 pps pin 6
Part 6N138 6N139
Symbol VCC, VO VCC, VO
Value - 0.5 to 7.0 - 0.5 to 18 0.5 40 1.0
Unit V V V mA A mA mW
IO Pdiss
60 100
Coupler
Parameter Isolation test voltage Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Storage temperature Operating temperature Lead soldering temperature
1) 2) 3) 4)
Test condition
Symbol VISO RIO RIO Tstg Tamb
Value 5300 1012 10
11
Unit VRMS C C C
- 55 to + 125 - 55 to + 100 260
t = 10 s
Tsld
Derate linearly above 50 C free-air temperature at a rate of 0.4 mA/C Derate linearly above 50 C free-air temperature at a rate of 0.7 mW/C Derate linearly above 25 C free-air temperature at a rate of 0.7 mA/C Derate linearly above 25 C free-air temperature at a rate of 2.0 mW/C
www.vishay.com 2
Document Number 83605 Rev. 1.5, 26-Oct-04
6N138/ 6N139
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Input forward voltage Input reverse breakdown voltage Temperature coefficient of forward voltage Test condition IF = 1.6 mA IR = 10 A IF = 1.6 mA Symbol VF BVR 5.0 - 1.8 Min Typ. 1.4 Max 1.7 Unit V V mV/C
Output
Parameter Logic low, output voltage
6)
Test condition IF = 1.6 mA, IO = 4.8 mA, VCC = 4.5 V IF = 1.6 mA, IO = 8.0 mA, VCC = 4.5 V IF = 5.0 mA, IO = 15 mA, VCC = 4.5 V IF = 12 mA, IO = 24 mA, VCC = 4.5 V
Part 6N138 6N139 6N139 6N139 6N138 6N139
Symbol VOL VOL VOL VOL IOH IOH ICCL ICCH
Min
Typ. 0.1 0.1 0.15 0.25 0.1 0.05 0.2 0.001
Max 0.4 0.4 0.4 0.4 250 100 1.5 10
Unit V V V V A A mA A
Logic high, output current6)
6)
IF = 0 mA, VCC = VCC = 7.0 V IF = 0 mA, VCC = VCC = 18 V IF = 1.6 mA, VO = OPEN, VCC = 18 V IF = 0 mA, VO = OPEN, VCC = 18 V
Logic low supply current
Logic high supply current 6)
6)
Pin 7 open
Coupler
Parameter Input capacitance Input output insulation leakage current7) Resistance (input output) 7) Capacitance (input-output)
7) 7)
Test condition f = 1.0 MHz, VF = 0 45 % relative humidity, Tamb = 25 C, t = 5.0 s, VIO = 3000 VDC VIO = 500 VDC f = 1.0 MHz
Symbol CIN
Min
Typ. 25
Max 1.0
Unit pF A
RIO CIO
1012 0.6
pF
Device considered a two-terminal device: pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
Document Number 83605 Rev. 1.5, 26-Oct-04
www.vishay.com 3
6N138/ 6N139
Vishay Semiconductors Current Transfer Ratio
Parameter Current Transfer Ratio5), 6) Test condition IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V
5) 6)
Part 6N138 6N139 6N139
Symbol CTR CTR CTR
Min 300 400 500
Typ. 1600 1600 2000
Max
Unit % % %
Current Transfer Ratio
DC current transfer ratio is defined as the ratio of output collector current, IO, to the forward LED input current, IF times 100 %. Pin 7 open
Switching Characteristics
Parameter Propagation delay time to logic low at output Propagation delay time to logic low at output 6) , 8) IF = 12 mA, RL = 270 Propagation delay time to logic high at output Propagation delay time to logic high at output 6) , 8)
6) 8)
Test condition IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k
Part 6N138 6N139 6N139 6N138 6N139 6N139
Symbol tPHL tPHL tPHL tPLH tPLH tPLH
Min
Typ. 2.0 6.0 0.6 2.0 4.0 1.5
Max 10 25 1.0 35 60 7.0
Unit s s s s s s
IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270
Pin 7 open Using a resistor between pin 5 and 7 will decrease gain and delay time.
Common Mode Transient Immunity
Parameter Test condition Symbol | CMH | Min Typ. 500 Max Unit V/s IF = 0 mA, RL = 2.2 k, RCC = 0, Common mode transient immunity, logic high level output |VCM| = 10 VP-P
9) , 10)
Common mode transient immunity, logic low level output
9) , 10) 9)
IF = 1.6 mA, RL = 2.2 k, RCC = 0, |VCM| = 10 VP-P
| CML |
- 500
V/s
Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode pulse, VCM, to assure that the output will remain in a logic high state (i.e. VO > 2.0 V) common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM to assure that the output will remain in a logic low state (i.e. VO < 0.8 V).
10)
In applications where dv/dt may exceed 50,000 V/s (such as state discharge) a series resistor, RCC should be included to protect IC from destructively high surge currents.The recommend value is RCC[(1 V)/(0.15 IF (mA)] K
www.vishay.com 4
Document Number 83605 Rev. 1.5, 26-Oct-04
6N138/ 6N139
Vishay Semiconductors Package Dimensions in Inches (mm)
pin one ID 4 .255 (6.48) .268 (6.81) 5 6 7 8
ISO Method A
3
2
1
.379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .031 (0.79) .130 (3.30) .150 (3.81) .050 (1.27) .018 (.46) .022 (.56)
i178006
.300 (7.62) typ.
10 .020 (.51 ) .035 (.89 ) .100 (2.54) typ. 3-9 .008 (.20) .012 (.30)
.230(5.84) .110 (2.79) .250(6.35) .130 (3.30)
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.028 (0.7) MIN.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18494
Document Number 83605 Rev. 1.5, 26-Oct-04
www.vishay.com 5
6N138/ 6N139
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 6
Document Number 83605 Rev. 1.5, 26-Oct-04
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 6N138-X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X